| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0240 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0240 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 39 page ![]() Applications UM0240 24/39 9 Applications The ST Industrial Communication Board is designed to be a general purpose control board for all Industrial applications. Currently two application fields are supported: Power Line Communication and Motor Control. Soon Intelligent Power Switch and Gate Driver applications will be covered too. Contact your local ST sales office for availability dates. 9.1 Power line communication The PLC connector allows the use of the Communication Board with two different PLC Evaluation Boards: ● ST7538 Dual Channel Reference Design (Rev 3.1) ● ST7540 Reference Design (Rev 2.0) Figure 11. ST7538 dual channel reference design board (Rev 3.1) Figure 12. ST7540 reference design board (Rev 2.0) The two Reference Design boards, based respectively on ST7538 and ST7540 FSK transceivers for Power Lines, are developed as useful tools for evaluating Power Line Communication as a solution in Automatic Meter Reading and Home Automation |