| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0240 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0240 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 39 page ![]() Interfaces and connectors UM0240 20/39 Figure 7. Industrial Communication Board jumpers and switches on PCB Jumper JP2 connects the ST72F651 reset pin to a reset signal coming from the PLM board. This is used to reset the MCU after a Power Line Modem reset event. Setting: ● Open = MCU reset not connected to PLM reset ● Closed = MCU reset connected to PLM reset Jumper JP3 selects the DAC voltage reference for the C-D output pair. Section 4: 10-bit digital-to-analog converter (DAC) describes JP3 use. Setting: ● 1-2 = Reference from VDD ● 2-3 = Reference from AB output Jumpers JP4 and JP5 disconnect LED DL3 and DL4 loads from the MCU for use with In Circuit Communication. |