công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0139 bảng dữ liệu(PDF) 32 Page - STMicroelectronics

tên linh kiện UM0139
Giải thích chi tiết về linh kiện  The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0139 bảng dữ liệu(HTML) 32 Page - STMicroelectronics

Back Button UM0139 Datasheet HTML 28Page - STMicroelectronics UM0139 Datasheet HTML 29Page - STMicroelectronics UM0139 Datasheet HTML 30Page - STMicroelectronics UM0139 Datasheet HTML 31Page - STMicroelectronics UM0139 Datasheet HTML 32Page - STMicroelectronics UM0139 Datasheet HTML 33Page - STMicroelectronics UM0139 Datasheet HTML 34Page - STMicroelectronics UM0139 Datasheet HTML 35Page - STMicroelectronics UM0139 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
In-circuit debugging connection with ICD adapter
UM0139
32/38
4.3.3
Connection for DFN8 microcontroller package
1.
Solder the DFN8 female connector onto your application board in place of your
microcontroller.
2.
Plug the ICC cable from the in-circuit debugging tool into the 10-pin ICC connector on
the top of the ICD Adapter (MB509).
3.
Plug the 8 pins of the DFN8 Device adapter (DB715) into the 8-pin connector on the
bottom of the ICD Adapter (MB509).
4.
Connect the DFN8 Device adapter (DB715) to the DFN female connector on your
application board using the DFN male-male connector. Because of the position of the
GND pin on these connectors, there is only one way to connect them together (see
detail in Figure 23).
Figure 23.
DFN8 connection
Pin 1 indicators
ICC cable
Application board
SO8/DFN8 Device
Adapter (DB715)
ICD Adapter
(MB509)
10-pin ICC
Connector
GND pin
Female DFN8
connector
Male-male DFN8
connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38