| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0139 bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0139 bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 38 page ![]() UM0139 Connecting to the application board for emulation 7/38 2 Connecting to the application board for emulation The following sections tell you how to: ● select the adapters and accessories for the target MCU ● connect the flex adapter to the TEB, which is housed in the EMU3 probe, The target MCUs that are emulated by the ST7MDT10-EMU3 probe exist in various microcontroller packages. To connect the emulator to your application board, you must select the flex adapter, device adapter(s) and socket for the target microcontroller based on its package. Table 2 indicates which TEB connector to use, and the connection accessories required for emulation of each supported microcontroller package. Caution: Only use the flex adapters provided with the ST7MDT10-EMU3. Even though flex adapters from other ST7-EMU3 series emulators may look similar, each flex adapter is designed for use with the emulator that it is delivered with. 2.1 Connecting the flex adapter to the EMU3 probe 1. Turn the EMU3 probe upside-down, unscrew the retaining screw and slide the bottom out as shown in Figure 3. Figure 3. Opening the bottom of the probe Table 2. TEB connectors and connection accessories for supported packages MCU Package TEB connector (see Figure 4) Flex adapter Device Adapter On application socket/connector DIP16 W1 DB483A none DIP16 SO16 (150-mil width) W1 DB483A DB489 Provided connection pins SO8 W1 DB483A DB645 Provided connection pins DIP8 W1 DB483A DB645 + DB646 DIP8 DFN8 W1 DB483A DB645 + DB715 Provided female connector DIP20 W1 DB482A DB535 DIP20 SO20 W1 DB482A DB093 Provided connection pins SDIP32 W2 DB510 none SDIP32 SO28 W2 DB510 DB359 Provided connection pins |