| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A6727 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
A6727 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 29 page ![]() Application information A6727 24/29 DocID025003 Rev 1 10.3 Input capacitors The input capacitor bank is designed mainly to stand input RMS current, which depends on the output current (IOUT) and duty cycle (D) for the regulation as follows: Equation 13 The equation reaches its maximum value, IOUT/2, when D = 0.5. Losses depend on the input capacitor ESR: Equation 14 I rms I OUT D1 D – () ⋅ ⋅ = PESR I rms 2 ⋅ = |