| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A6727 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
A6727 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 29 page ![]() DocID025003 Rev 1 11/29 A6727 Driver section Equation 2 where VBOOT - VPHASE is the voltage across the bootstrap capacitor. The external gate resistor helps the device to dissipate the switching power since the same power PSW is dissipated by the internal driver impedance and the external resistor. This process causes a general cooling of the device. P SW F SW Q gHS V BOOT V PHASE – () Q gLS V CC ⋅ + ⋅ [] ⋅ = |