| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STUSB1600 bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB1600 bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 69 page ![]() DocID028937 Rev 1 51/69 STUSB1600 Application 69 VBUS power path assertion Table 42. Conditions for VBUS power path assertion in sink power role Pin Electrical value Operation conditions Comment Type-C attached state VDD pin monitoring VBUS_SENSE pin monitoring VBUS_EN_SNK 0 Attached.SNK or Debug Accessory.SNK Not applicable VBUS is within valid voltage range The signal is asserted only if all the valid operation conditions are met HiZ Any other state Not applicable VBUS is out of valid voltage range The signal is de-asserted when at least one non valid operation condition is met. |