| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STUSB1600 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB1600 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 69 page ![]() Inputs/outputs STUSB1600 12/69 DocID028937 Rev 1 2.3.17 VDD This is the power supply from the USB power line for applications powered by VBUS. In source power role, this pin can be used to sense the voltage level of the main power supply providing the VBUS. It allows UVLO and OVLO thresholds to be considered independently on the VDD pin as additional conditions to enable the VBUS power path through the VBUS_EN_SRC pin (see Section 3.2.3: VBUS power path assertion). When the UVLO threshold detection is enabled, the VDD pin must be connected to the main power supply to establish the connection and to assert the VBUS power path. |