| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STTS2004 bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS2004 bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 58 page ![]() DocID024229 Rev 3 23/58 STTS2004 Temperature sensor registers 58 Figure 8. Hysteresis 1. TH = Value stored in the alarm temperature upper boundary trip register 2. TL = Value stored in the alarm temperature lower boundary trip register 3. HYS = Absolute value of selected hysteresis Below Window bit Above Window bit TH - HYS TL - HYS TH TL AI12270 Table 11. Hysteresis as applied to temperature movement Below alarm window bit Above alarm window bit Temperature slope Temperature threshold Temperature slope Temperature threshold Sets Falling TL - HYS Rising TH Clears Rising TL Falling TH - HYS |