| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STSPIN32F0 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN32F0 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 40 page ![]() Device description STSPIN32F0 30/40 DocID029806 Rev 2 Figure 15. Comparator When the overcurrent condition disappears, the latched overcurrent signal is released only after all the high-side outputs are kept low for at least tOCrelease time. (Refer to Figure 16). Table 11. OC protection selection OC_SEL (PA11) Function 0 OC comparator output signal is visible only to MCU (default) 1 OC comparator output signal is visible to MCU and also acts on gate driver control logic Table 12. OC threshold values OC_TH_STBY2 (PF6) OC_TH_STBY1 (PF7) OC threshold [mV] Note 00 N.A. Standby mode (see Section 6.4 on page 23) 0 1 100 - 1 0 250 - 1 1 500 - |