| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM814X bảng dữ liệu(PDF) 74 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X bảng dữ liệu(HTML) 74 Page - Texas Instruments |
|
74 / 377 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-10. GP0 Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. MCA[2], SD0, MCA[2]_AXR[1]/ UART5 SD0_DAT[7]/ IPU V6 I/O PINCNTL42 UART5_TXD/ DVDD DSIS: PIN GP0[13] MM: MUX1 VIN[0]A, General-Purpose Input/Output (I/O) 0 [GP0] pin 13 VIN[0]A_D[19]/ CAMERA_I/F, CAM_D[11]/ EMAC[1]_RM, IPU EMAC[1]_RMRXD[0]/ AF21 I/O I2C[3] DVDD_C I2C[3]_SDA/ PINCNTL159 GP0[13] DSIS: PIN MM: MUX0 MCA[2], SD0, MCA[2]_AXR[0]/ UART5 SD0_DAT[6]/ IPU N2 I/O PINCNTL41 UART5_RXD/ DVDD DSIS: PIN GP0[12] MM: MUX1 VIN[0]A, General-Purpose Input/Output (I/O) 0 [GP0] pin 12 VIN[0]A_D[18]/ CAMERA_I/F, CAM_D[10]/ EMAC[1]_RM, IPU EMAC[1]_RMRXD[1]/ AF20 I/O I2C[3] DVDD_C I2C[3]_SCL/ PINCNTL158 GP0[12] DSIS: PIN MM: MUX0 MCA[2] MCA[2]_AFSX/ IPU PINCNTL40 AA5 I/O GP0[11] DVDD DSIS: PIN MM: MUX1 VIN[0]A, General-Purpose Input/Output (I/O) 0 [GP0] pin 11 VIN[0]A_D[17]/ CAMERA_I/F, CAM_D[9]/ IPD EMAC[1]_RM AB21 I/O EMAC[1]_RMRXER/ DVDD_C PINCNTL157 GP0[11] DSIS: PIN MM: MUX0 MCA[2] MCA[2]_ACLKX/ IPU PINCNTL39 U6 I/O GP0[10] DVDD DSIS: PIN MM: MUX1 VIN[0]A, General-Purpose Input/Output (I/O) 0 [GP0] pin 10 VIN[0]A_D[16]/ CAMERA_I/F, CAM_D[8]/ IPU I2C[2] AA21 I/O I2C[2]_SCL/ DVDD_C PINCNTL156 GP0[10] DSIS: PIN MM: MUX0 AUD_CLKIN2/ AUD_CLKIN2, MCA[0]_AXR[9]/ MCA[0], MCA[2], MCA[2]_AHCLKX/ IPD MCA[5], EDMA, MCA[5]_AHCLKX/ H1 I/O General-Purpose Input/Output (I/O) 0 [GP0] pin 9 DVDD TIMER3 EDMA_EVT2/ PINCNTL16 TIM3_IO/ DSIS: PIN GP0[9] AUD_CLKIN1/ AUD_CLKIN1, MCA[0]_AXR[8]/ MCA[0], MCA[1], MCA[1]_AHCLKX/ IPD MCA[4], EDMA, MCA[4]_AHCLKX/ R5 I/O General-Purpose Input/Output (I/O) 0 [GP0] pin 8 DVDD TIMER2 EDMA_EVT3/ PINCNTL15 TIM2_IO/ DSIS: PIN GP0[8] USB0 USB0_DRVVBUS/ IPD AF11 I/O PINCNTL270 General-Purpose Input/Output (I/O) 0 [GP0] pin 7 GP0[7] DVDD DSIS: PIN 74 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |