công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM814X bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện TMS320DM814X
Giải thích chi tiết về linh kiện  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 16Page - Texas Instruments TMS320DM814X Datasheet HTML 17Page - Texas Instruments TMS320DM814X Datasheet HTML 18Page - Texas Instruments TMS320DM814X Datasheet HTML 19Page - Texas Instruments TMS320DM814X Datasheet HTML 20Page - Texas Instruments TMS320DM814X Datasheet HTML 21Page - Texas Instruments TMS320DM814X Datasheet HTML 22Page - Texas Instruments TMS320DM814X Datasheet HTML 23Page - Texas Instruments TMS320DM814X Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
2.6
System Memory Management Unit (MMU)
All C674x accesses through its MDMA port will be directed through the system MMU module where they
are remapped to physical system addresses. This protects the ARM Cortex-A8 memory regions from
accidental corruption by C674x code and allows for direct allocation of buffers in user space without the
need for translation between ARM and DSP applications.
In addition, accesses by the EDMA TC0 and TC1 may optionally be routed through the system MMU. This
allows EDMA Channels 0 and 1 to be used by the DSP to perform transfers using only the known virtual
addresses of the associated buffers. The MMU_CFG register in the Control Module is used to
enable/disable use of the system MMU by the EDMA TCs.
For more details on the system MMU features, see the system MMU section of the Chip Level Resources
chapter in the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature
Number: SPRUGZ8).
20
Device Overview
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com