công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM814X bảng dữ liệu(PDF) 211 Page - Texas Instruments

tên linh kiện TMS320DM814X
Giải thích chi tiết về linh kiện  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X bảng dữ liệu(HTML) 211 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 207Page - Texas Instruments TMS320DM814X Datasheet HTML 208Page - Texas Instruments TMS320DM814X Datasheet HTML 209Page - Texas Instruments TMS320DM814X Datasheet HTML 210Page - Texas Instruments TMS320DM814X Datasheet HTML 211Page - Texas Instruments TMS320DM814X Datasheet HTML 212Page - Texas Instruments TMS320DM814X Datasheet HTML 213Page - Texas Instruments TMS320DM814X Datasheet HTML 214Page - Texas Instruments TMS320DM814X Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
7.4.9
SYSCLKs
In some cases, the system clock inputs and PLL outputs are sent to the PRCM Module for division and
multiplexing before being routed to the various device Modules. These clock outputs from the PRCM
Module are called SYSCLKs. Table Table 7-26 lists the device SYSCLKs along with their maximum
supported clock frequencies. In addition, limits shown in these tables may be further restricted by the clock
frequency limitations of the device modules using these clocks. For more details on Module Clock
frequency limits, see Section 7.4.10 Module Clocks.
Table 7-26. Maximum SYSCLK Clock Frequencies(1)
MAX CLOCK FREQUENCY
SYSCLK
OPP100 (MHz)
SYSCLK1
RSV
SYSCLK2
RSV
SYSCLK3
266
SYSCLK4
200
SYSCLK5
RSV
SYSCLK6
100
SYSCLK7
RSV
SYSCLK8
192
SYSCLK9
RSV
SYSCLK10
48
SYSCLK11
RSV
SYSCLK12
RSV
SYSCLK13
RSV
SYSCLK14
27
SYSCLK15
RSV
SYSCLK16
27
SYSCLK17
RSV
SYSCLK18
0.032768
SYSCLK19
192
SYSCLK20
192
SYSCLK21
192
SYSCLK22
RSV
SYSCLK23
200
(1)
The maximum frequencies listed in this table are valid for OPP100. Some of these frequencies have
higher maximum values when OPP120 or OPP166 is used, see Table 7-4
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
211
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com