công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASP00886IRGCR bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ASP00886IRGCR
Giải thích chi tiết về linh kiện  Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ASP00886IRGCR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ASP00886IRGCR Datasheet HTML 2Page - Texas Instruments ASP00886IRGCR Datasheet HTML 3Page - Texas Instruments ASP00886IRGCR Datasheet HTML 4Page - Texas Instruments ASP00886IRGCR Datasheet HTML 5Page - Texas Instruments ASP00886IRGCR Datasheet HTML 6Page - Texas Instruments ASP00886IRGCR Datasheet HTML 7Page - Texas Instruments ASP00886IRGCR Datasheet HTML 8Page - Texas Instruments ASP00886IRGCR Datasheet HTML 9Page - Texas Instruments ASP00886IRGCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 128 page
background image
MSP430F5529, MSP430F5528, MSP430F5527, MSP430F5526
MSP430F5525, MSP430F5524, MSP430F5522, MSP430F5521
MSP430F5519, MSP430F5517, MSP430F5515, MSP430F5514, MSP430F5513
SLAS590M – MARCH 2009 – REVISED NOVEMBER 2015
www.ti.com
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision L (June 2013) to Revision M
Page
Formatting and organization changes throughout, including addition of section numbering
............................... 1
Added Device Information table
.................................................................................................... 2
Added Section 1.4 and moved all functional block diagrams to it
.............................................................. 3
Added Section 3 and moved Family Members table to it
....................................................................... 7
Added Section 5 and moved all electrical specifications to it
................................................................. 19
Added Section 5.2, ESD Ratings
.................................................................................................. 19
Moved Section 5.6, Thermal Characteristics
.................................................................................... 23
Changed the TYP value of CL,eff with Test Conditions of "XTS = 0, XCAPx = 0" from 2 pF to 1 pF ..................... 28
Corrected MRG0 and MRG1 bit names in fMCLK,MRG parameter description................................................. 49
Corrected spelling of NMIIFG in Table 6-9, System Module Interrupt Vector Registers
................................... 60
Corrected register names (added "USB" prefix as necessary) in Table 6-45, USB Control Registers
.................. 80
Changed P5.3 schematic (added P5SEL.2 and XT2BYPASS inputs, AND gate, and OR gate after P5SEL.3)
....... 89
Changed P5SEL.3 column from X to 0 for "P5.3 (I/O)" rows
.................................................................. 89
Changed P5.5 schematic (change input from P5SEL.5 to P5SEL.4 and added P5SEL.5 input and the following
OR gate)
.............................................................................................................................. 91
Changed P5SEL.5 column from X to 0 for "P5.5 (I/O)" rows
.................................................................. 91
Added Section 7 and moved Tools Support, Device Nomenclature, ESD Caution, and Trademarks sections to it
.. 109
Added Section 8, Mechanical, Packaging, and Orderable Information
..................................................... 114
6
Revision History
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5529 MSP430F5528 MSP430F5527 MSP430F5526 MSP430F5525 MSP430F5524
MSP430F5522 MSP430F5521 MSP430F5519 MSP430F5517 MSP430F5515 MSP430F5514 MSP430F5513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com