công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA7092 bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện TEA7092
Giải thích chi tiết về linh kiện  TELEPHONE SET INTEGRATED CIRCUIT
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button TEA7092 Datasheet HTML 20Page - STMicroelectronics TEA7092 Datasheet HTML 21Page - STMicroelectronics TEA7092 Datasheet HTML 22Page - STMicroelectronics TEA7092 Datasheet HTML 23Page - STMicroelectronics TEA7092 Datasheet HTML 24Page - STMicroelectronics TEA7092 Datasheet HTML 25Page - STMicroelectronics TEA7092 Datasheet HTML 26Page - STMicroelectronics TEA7092 Datasheet HTML 27Page - STMicroelectronics TEA7092 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
II - SPEECH FEATURES (continued)
0dB
kIL
kIL = 0 for I
L =ISL
kIL = 1 for I
L =ILL
1 - kIL
AGC
21 to 15dB
(Code +6dB
not activated)
+6dB Code
20 REOUT
ZAL = K x ZALL + (1 - K) x ZASL
19
RECIN
ITX
3
V
L
15
SNSL
16
SNLL
C12
26
V
CC
ZASL
R5+R6//C5
R13
ZB
TEA7092
R11
+
C8
0.6V
Figure 37
II.4.2 - One Sidetone Network Principle
Figure 37 gives the sidetone connection.
The sidetone is optimized if :
V1 - V2 = VRECIN(19) -VSNSL/SNLL(15/16) =0
ZAL
=
R27
R11
⋅ ZB
With ZB = ZT//CR1//ZL.
Figure 38 gives the sidetone efficiency versus the
line length.
In receive mode the signal V1-V2 is amplified
through the receive path.
The attenuationdue to the external components of
the sidetone stage is :
Gsid
=
V1
− V2
v1
=
R11
+ R27
R11
+ R27 + ZAL
If, R27 = K1 x R11 and K1 >> 1 :
Gsid
=
V1
− V2
v1
=
R11
R11
+ ZB
Thesidetoneattenuationis proportionalto R11andZB.
II.4.3 - Line Tracking Sidetone Principle
Figure 39 gives the sidetone connection.
The sidetone are optimized if : V1 - V2 = 0
- On long line connection :
V1 - V2 = VRECIN (19) -VSNLL (16) =0
⇒ ZALL =
R27
R11a
+ R11b ⋅
ZBL
with ZBL = ZT//CR1//ZLL.
- On short line connection :
V1 - V2 = VRECIN (19) -VSNSL (15) =0
⇒ ZASL =
R13
R11a
⋅ ZBS
with ZBS = ZT//CR1//ZSL.
ZLL is the long line length impedance and ZSL is
the short line length impedance.
Figure 40 gives the sidetone efficiency versus the
line length for a one sidetone network principle and
a tracking sidetone network principle.
Vear
High
Low
01234
Line (Km)
Figure 38
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
24/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com