| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLED325 bảng dữ liệu(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLED325 bảng dữ liệu(HTML) 41 Page - STMicroelectronics |
|
41 / 62 page ![]() STLED325 Display RAM address and display mode Doc ID 17576 Rev 1 41/62 5 Display RAM address and display mode The display RAM stores the data transmitted from an external device to the STLED325 through the serial interface. The addresses are as follows, in 8-bits unit: “0” in memory means GND on outpu; ‘1” in memory means VCC on output. Table 25. Bit map for segment 1 to segment 8 Seg1 Seg4 Seg8 10 HL 10 HU Dig1 11 HL 11 HU Dig2 12 HL 12 HU Dig3 13 HL 13 HU Dig4 14 HL 14 HU Dig5 b0 b3 b4 b7 XX HL XX HU |