| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLED325 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLED325 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 62 page ![]() Functional description STLED325 24/62 Doc ID 17576 Rev 1 3.11.7 Programmable display The default display of the RTC time is the 2 MSB digit for hour and the 2 LSB digit for minutes. However, if the MD_HM_MS bit is set, then the RTC display for the digits can be changed according to Table 6. 3.11.8 Lookup table with ppm against the calibration register values The lookup table of the calibration register values for the equivalent ppm is shown in Table 7 below: Table 6. RTC display MD_HM_MS RTC display 10 Date-month 00 Hour-minute (default and recommended) 01 Minute-second 11 Month-date Table 7. LUT with ppm against the calibration register values Sign bit Counts/bit PPM 000 000 0 000 001 2 000 010 4 000 011 6 000 100 8 000 101 10 000 110 12 000 111 14 001 000 16 001 001 18 001 010 20 001 011 22 001 100 24 001 101 26 001 110 28 001 111 31 010 000 33 010 001 35 010 010 37 010 011 39 010 000 41 010 001 43 010 010 45 010 011 47 |