công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC1020-RTR1 bảng dữ liệu(PDF) 72 Page - Texas Instruments

tên linh kiện CC1020-RTR1
Giải thích chi tiết về linh kiện  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 bảng dữ liệu(HTML) 72 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 68Page - Texas Instruments CC1020-RTR1 Datasheet HTML 69Page - Texas Instruments CC1020-RTR1 Datasheet HTML 70Page - Texas Instruments CC1020-RTR1 Datasheet HTML 71Page - Texas Instruments CC1020-RTR1 Datasheet HTML 72Page - Texas Instruments CC1020-RTR1 Datasheet HTML 73Page - Texas Instruments CC1020-RTR1 Datasheet HTML 74Page - Texas Instruments CC1020-RTR1 Datasheet HTML 75Page - Texas Instruments CC1020-RTR1 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
Table 5-37. VGA3 Register (13h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
VGA3[7:5]
VGA_DOWN[2:0]
1
—
Decides how much the signal strength must be above
CS_LEVEL+VGA_UP before VGA gain is decreased. Based on the
calculated internal strength level, which has an LSB resolution of 1.5
dB.
0: Gain is decreased when level is above CS_LEVEL+ 8 +
VGA_UP + 3
1: Gain is decreased when level is above CS_LEVEL+ 8 +
VGA_UP + 4
…
6: Gain is decreased when level is above CS_LEVEL+ 8 +
VGA_UP + 9
7: Gain is decreased when level is above CS_LEVEL+ 8 +
VGA_UP + 10
See Figure 5-15 for an explanation of the relationship between RSSI,
AGC and carrier sense settings.
VGA3[4:0]
VGA_SETTING[4:0]
24
H
VGA setting to be used when receive chain is turned on
This is also the maximum gain that the AGC is allowed to use.
See Figure 5-15 for an explanation of the relationship between RSSI,
AGC and carrier sense settings.
Table 5-38. VGA4 Register (14h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
VGA4[7:5]
VGA_UP[2:0]
1
—
Decides the level where VGA gain is increased if it is not already at
the maximum set by VGA_SETTING. Based on the calculated internal
strength level, which has an LSB resolution of 1.5 dB.
0: Gain is increased when signal is below CS_LEVEL + 8
1: Gain is increased when signal is below CS_LEVEL+ 8 + 1
…
6: Gain is increased when signal is below CS_LEVEL+ 8 + 6
7: Gain is increased when signal below CS_LEVEL+ 8 + 7
See Figure 5-15 for an explanation of the relationship between RSSI,
AGC and carrier sense settings.
VGA4[4:0]
CS_LEVEL[4:0]
24
H
Reference level for Received Signal Strength Indication (carrier sense
level) and AGC.
See Figure 5-15 for an explanation of the relationship between RSSI,
AGC and carrier sense settings.
72
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com