công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGWA15H120F2 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STGWA15H120F2
Giải thích chi tiết về linh kiện  Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA15H120F2 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STGWA15H120F2 Datasheet HTML 1Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 2Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 3Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 4Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 5Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 6Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 7Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 8Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
April 2015
DocID026013 Rev 5
1/17
17
STGW15H120F2,
STGWA15H120F2
Trench gate field-stop IGBT, H series
1200 V, 15 A high speed
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: TJ = 175 °C
• High speed switching series
• Minimized tail current
• VCE(sat) = 2.1 V (typ.) @ IC = 15 A
• 5 µs minimum short-circuit withstand time at
TJ=150 °C
• Safe paralleling
• Low thermal resistance
Applications
• Uninterruptible power supply
• Welding machines
• Photovoltaic inverters
• Power factor correction
• High frequency converters
Description
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. These devices are part of the improved
H series of IGBTs, which represent an optimum
compromise between conduction and switching
loss to maximize the efficiency of high frequency
converters. Furthermore, a slightly positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in safer paralleling
operation.
Table 1. Device summary
Order code
Marking
Package
Packing
STGW15H120F2
G15H120F2
TO-247
Tube
STGWA15H120F2
G15H120F2
TO-247 long leads
Tube
www.st.com


Số phần tương tự - STGWA15H120F2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGWA15H120DF2 STMICROELECTRONICS-STGWA15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
logo
Inchange Semiconductor ...
STGWA15H120DF2 ISC-STGWA15H120DF2 Datasheet
586Kb / 3P
IGBT
More results

Mô tả tương tự - STGWA15H120F2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
1200 V, 15 A Field Stop Trench IGBT
logo
STMicroelectronics
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
Trench gate field-stop IGBT, H series 600 V, 5 A high speed
18-May-2015
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
Trench gate field-stop IGBT, H series 600 V, 7 A high speed
05-Jun-2015
STGB15H60DF STMICROELECTRONICS-STGB15H60DF Datasheet
1Mb / 23P
Trench gate field-stop IGBT, H series 600 V, 15 A high speed
17-Oct-2013
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
STGW25H120DF2 STMICROELECTRONICS-STGW25H120DF2 Datasheet
737Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
06-Mar-2015
STGW25H120F2 STMICROELECTRONICS-STGW25H120F2 Datasheet
957Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
23-Mar-2015
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
28-Jun-2016
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
25-Mar-2015
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
Trench gate field-stop IGBT, H series 600 V, 15 A high speed
10-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com