| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LED6001 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LED6001 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 26 page ![]() Device description LED6001 18/26 DocID025575 Rev 3 Figure 9. High-side dimming control by using a P-channel MOSFET The regulation loop continuously compares the differential voltage drop with an internal reference and adjusts the switching duty cycle accordingly. In order to provide design flexibility and analog dimming capability, the internal feedback reference can be changed through the ADIM pin. As visible in Figure 10, the reference voltage is proportional to the voltage at the ADIM pin within a limited range. Equation 5 |