| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO8200BQTR bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISO8200BQTR bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 37 page ![]() ISO8200BQ Power section DocID027303 Rev 4 23/37 7 Power section 7.1 Current limitation The current limitation process is active when the current sense connected on the output stage measures a current value, which is higher than a fixed threshold. When this condition is verified the gate voltage is modulated to avoid the increase of the output current over the limitation value. Figure below shows typical output current waveforms with different load conditions. Figure 16: Current limitation with different load conditions |