| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HAL856 bảng dữ liệu(PDF) 73 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL856 bảng dữ liệu(HTML) 73 Page - Micronas |
|
73 / 102 page ![]() APPLICATION NOTE HAL8xy, HAL100x Programmer Board Micronas Sept. 19, 2013; APN000046_03EN 73 6.3.5. Register Information Terminology REGISTER: Name of the register or register value Register: Name of the parameter PARTNUMBER – The register range is from 0 up to 2047. SHIFT – The register range is from 1024 up to 1023. – The register value is calculated by: SLOPE – The register range is from 8192 up to 8191. – The register value is calculated by: TC and TCSQ – The TC register range is from 31 up to 31. – The TCSQ register range is from 0 up to 31. Please refer to the data sheet for the recommended values. Note: The word length of the TC register is 7 bit. The six LSBs represent a signed binary number. The MSB has to be ignored. SHIFT Shift 100% -------------- 1024 = SLOPE Slope 2048 = |