công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HAL856 bảng dữ liệu(PDF) 3 Page - Micronas

tên linh kiện HAL856
Giải thích chi tiết về linh kiện  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 bảng dữ liệu(HTML) 3 Page - Micronas

  HAL856 Datasheet HTML 1Page - Micronas HAL856 Datasheet HTML 2Page - Micronas HAL856 Datasheet HTML 3Page - Micronas HAL856 Datasheet HTML 4Page - Micronas HAL856 Datasheet HTML 5Page - Micronas HAL856 Datasheet HTML 6Page - Micronas HAL856 Datasheet HTML 7Page - Micronas HAL856 Datasheet HTML 8Page - Micronas HAL856 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
3
Contents
Page
Section
Title
5
1.
Introduction
51.1.
Features
6
1.2.
Supported Micronas Hall-Effect Sensors
8
2.
Functional Description
8
2.1.
Software
82.2.
Firmware
8
2.3.
Power-On Self-Test
9
2.4.
The COM Port Parameters
9
2.5.
Connectors
10
2.5.1.
Pinning of the Interface Connector
10
2.6.
LED Description
11
2.7.
Error Flag Codes
12
3.
Usage of the Hall Programmer V 5.1
12
3.1.
Tips for Safe Programming of the Sensors
13
3.2.
Recommended Operating Conditions
14
3.3.
Recommended Wiring
15
3.4.
Maintenance and Calibration
16
3.4.1.
Firmware Update
17
4.
Operation Mode 0
18
4.1.
Definition of the Protocol
19
4.2.
The Board Commands BCMD
20
4.2.1.
Monitoring of the Programming Voltage
21
4.3.
Programming of the Sensor
21
4.3.1.
Definition of Programming Pulses
21
4.3.2.
Definition of the Telegram
24
4.3.3.
Telegram Codes
25
4.3.4.
Number Formats
26
4.3.5.
Register Information (HAL805/HAL815/HAL817)
28
4.3.6.
Programming Information
29
4.4.
Data Formats
30
4.5.
The Programming Procedure
32
4.5.1.
The Calibration Procedure
35
5.
Operation Mode 1
36
5.1.
Definition of the Protocol
37
5.2.
The Board Commands BCMD
38
5.2.0.1.
HAL805, HAL815, HAL817, HAL810 and HAL1000
39
5.2.0.2.
HAL82x, HAL83x, HAL880, HAL1002
39
5.2.1.
Monitoring of the Programming Voltage
40
5.3.
Programming of the Sensor
40
5.3.1.
Definition of Programming Pulses
40
5.3.2.
Definition of the Telegram
43
5.3.3.
Telegram Codes
44
5.3.4.
Number Formats
46
5.3.5.
Register Information (HAL805 / HAL815 / HAL817)
48
5.3.6.
Register Information (HAL82x / HAL83x / HAL880 / HAL1002)
50
5.3.7.
Programming Information
51
5.4.
Data Formats
53
5.5.
The Programming Procedure
53
5.5.1.
Programming Procedure for HAL805, HAL810, HAL815, HAL817 and HAL1000
55
5.5.2.
The Calibration Procedure
58
5.5.3.
Programming Procedure for HAL82x, HAL83x, HAL880 and HAL1002
59
5.5.4.
The Calibration Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More