công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4331 bảng dữ liệu(PDF) 185 Page - Microchip Technology

tên linh kiện PIC18F4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 bảng dữ liệu(HTML) 185 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 181Page - Microchip Technology PIC18F4331 Datasheet HTML 182Page - Microchip Technology PIC18F4331 Datasheet HTML 183Page - Microchip Technology PIC18F4331 Datasheet HTML 184Page - Microchip Technology PIC18F4331 Datasheet HTML 185Page - Microchip Technology PIC18F4331 Datasheet HTML 186Page - Microchip Technology PIC18F4331 Datasheet HTML 187Page - Microchip Technology PIC18F4331 Datasheet HTML 188Page - Microchip Technology PIC18F4331 Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 183
PIC18F2331/2431/4331/4431
FIGURE 17-2:
PWM MODULE BLOCK DIAGRAM, ONE OUTPUT PAIR, COMPLEMENTARY
MODE
FIGURE 17-3:
PWM MODULE BLOCK DIAGRAM, ONE OUTPUT PAIR, INDEPENDENT MODE
This module contains four duty-cycle generators,
numbered 0 through 3. The module has eight PWM
output pins, numbered 0 through 7. The eight PWM
outputs are grouped into output pairs of even and odd
numbered outputs. In complimentary modes, the even
PWM pins must always be the complement of the
corresponding odd PWM pin. For example, PWM0 will
be the complement of PWM1, PWM2 will be the
complement of PWM3, and so on. The dead time
generator inserts an “off” period called “dead time”
between the going off of one pin to the going on of the
complementary pin of the paired pins. This is to prevent
damage to the power switching devices that will be
connected to the PWM output pins.
The time base for the PWM module is provided by its
own 12-bit timer, which also incorporates selectable
prescaler and postscaler options.
PWM Duty Cycle Register
Duty Cycle Comparator
Dead-Band
Generator
Fault Override Values
Channel Override Values
Fault Pin Assignment
Logic
Fault A pin
Fault B pin
HPOL
LPOL
PWM1
PWM0
VDD
Note:
In the Complementary mode, the even channel cannot be
forced active by a fault or override event when the odd channel
is active. The even channel is always the complement of the
odd channel and is inactive, with dead time inserted, before
the odd channel is driven to its active state.
Duty Cycle Comparator
PWM Duty Cycle Register
Fault A pin
Fault B pin
HPOL
LPOL
PWM1
PWM0
VDD
VDD
Fault Override Values
Channel Override Values
Fault Pin Assignment
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com