công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F716 bảng dữ liệu(PDF) 111 Page - Microchip Technology

tên linh kiện PIC16F716
Giải thích chi tiết về linh kiện  8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F716 bảng dữ liệu(HTML) 111 Page - Microchip Technology

Back Button PIC16F716 Datasheet HTML 107Page - Microchip Technology PIC16F716 Datasheet HTML 108Page - Microchip Technology PIC16F716 Datasheet HTML 109Page - Microchip Technology PIC16F716 Datasheet HTML 110Page - Microchip Technology PIC16F716 Datasheet HTML 111Page - Microchip Technology PIC16F716 Datasheet HTML 112Page - Microchip Technology PIC16F716 Datasheet HTML 113Page - Microchip Technology PIC16F716 Datasheet HTML 114Page - Microchip Technology PIC16F716 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 126 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS41206A-page 109
PIC16F716
14.0
PACKAGING INFORMATION
14.1
Package Marking Information
18-Lead SOIC
YYWWNNN
Example
PIC16F716
XXXXXXXXXXXXXXXXX
YYWWNNN
18-Lead PDIP
Example
PIC16F716-04/P
YYWWNNN
XXXXXXXXXXX
XXXXXXXXXXX
20-Lead SSOP
-20I/SS025
PIC16F716
Example
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
Legend: XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PICmicro device marking consists of Microchip part number, year code, week code, and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
0023CBA
0018CDK
0020CBK
-20/SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More