| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STS1TX bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STS1TX bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 70 page ![]() Typical application diagram and pin description STS1TX 8/70 DocID025109 Rev 1 3 Typical application diagram and pin description 3.1 Typical application diagram This section describes different application diagrams for the STS1TX that can be used based on customer requirements. In particular, Figure 2 shows the default configuration and Figure 3 shows the TX boost mode configuration. The default configuration provides the best power consumption figures. The TX boost mode configuration is used to increase TX output power. Figure 2. Suggested application diagram 1 GPIO_0 SDN 15 SMPS Ext1 14 SMPS Ext2 13 TX 12 GND PA 11 2 SDO 3 SDI 4 SCLK 5 CSn 1.8V - 3.6V power supply Spirit1 TX DIE ATTACH PAD: Antenna (50 Ω) STS1TX GAMS080520131120FSR |