| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE321QTR bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE321QTR bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 40 page ![]() Capacitive touch module registers STMPE321 30/40 Doc ID 15791 Rev 3 TVR Touch variance setting Address: 0x30 - 0x32 Type: R/W Reset: 0x08 Description: Touch variance setting EVR Environmental variance Address: 0x40 Type: R/W Reset: 0x04 Description: Environmental variance setting. STRENGTH_THRESHOLD Strength threshold Address: 0x50 - 0x52 Type: R/W Reset: 0x01 Description: Strength threshold. 76 543 2 1 0 RESERVED TVR [7] RESERVED [6:0] TVR: Setting TVR between 0-99 A high TVR value decreases sensitivity of the sensor, but increases its tolerance to ambient noise A small TVR value increases the sensitivity 76 543 2 1 0 RESERVED TVR [7] RESERVED [6] EVR: EVR is used to detect "Non-Touch" condition 76 543 2 1 0 STRENGTH_THRESHOLD [7:0] STRENGTH_THRESHOLD: Setting threshold to be used in AFS mode to determine valid touch |