| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE321 bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE321 bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 40 page ![]() STMPE321 Capacitive touch module registers Doc ID 15791 Rev 3 27/40 CTRL Control Address: 0x25 Type: R/W Reset: 0x00 Description: Control 76 543 2 1 0 RESERVED F2A HDC_U HDC_C HOLD [7:4] RESERVED [3] F2A: Write '1' to force device to remain in ACTIVE state at all times [2] HDC_U: Write '1' to perform unconditional host driven calibration Cleared to '0' when calibration is completed Only applicable HOLD is '1' [1] HDC_C: Write '1' to perform conditional host driven calibration Calibration is performed if and only if no touch is detected Cleared to '0' when calibration is completed Only applicable HOLD is '1' [0] HOLD: '0' to enable ETC '1' to disable ETC |