| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE321 bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE321 bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 40 page ![]() STMPE321 Capacitance compensation Doc ID 15791 Rev 3 7/40 2.1 Calibration algorithm The STMPE321 maintains 2 parameters for each touch channel: TVR and CALIBRATED IMPEDANCE. CALIBRATED IMPEDANCE is an internal reference which, if the currently measured IMPEDANCE exceeds the CALIBRATED IMPEDANCE by a magnitude of TVR, is considered a “TOUCH”. If the IMPEDANCE is higher than the CALIBRATED IMPEDANCE, but the magnitude does not exceed CALIBRATED IMPEDANCE by TVR, it is not considered a TOUCH. In this case, 2 scenarios are possible: 1. Environmental changes have caused the IMPEDANCE to increase 2. Finger is near the sensing pad, but not near enough In case 1, the change in IMPEDANCE is expected to be small, as environmental changes are normally gradual. A value "EVR" is maintained to specify the maximum IMPEDANCE change that is still considered an environmental change. ‘IMP’ and ‘CALIBRATED IMP’ used in this table is not the direct register read-out. IMP = 127 - impedance register readout CALIBRATED IMP = 127 - calibrated impedance register readout. The ETC WAIT register states a period of time for which all TOUCH inputs must remain "NO TOUCH" for the next calibration to be carried out. The CAL INTERVAL states the period of time between successive calibrations when there are prolonged NO TOUCH conditions. Table 3. Calibration action under different scenarios Scenario Touch sensing and calibration action IMP>CALIBRATED IMP + TVR TOUCH, no calibration IMP<CALIBRATED IMP + TVR IMP>CALIBRATED IMP + EVR NO TOUCH, no calibration IMP<CALIBRATED IMP + TVR IMP<CALIBRATED IMP + EVR IMP>CALIBRATED IMP NO TOUCH, new CALIBRATED IMP = previous CALIBRATED IMP + change in IMP IMP>CALIBRATED IMP CALIBRATED IMP + change in IMP IMP<CALIBRATED IMP NO TOUCH, new CALIBRATED IMP = new IMP |