công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F411VCT6TR bảng dữ liệu(PDF) 68 Page - STMicroelectronics

tên linh kiện STM32F411VCT6TR
Giải thích chi tiết về linh kiện  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411VCT6TR bảng dữ liệu(HTML) 68 Page - STMicroelectronics

Back Button STM32F411VCT6TR Datasheet HTML 64Page - STMicroelectronics STM32F411VCT6TR Datasheet HTML 65Page - STMicroelectronics STM32F411VCT6TR Datasheet HTML 66Page - STMicroelectronics STM32F411VCT6TR Datasheet HTML 67Page - STMicroelectronics STM32F411VCT6TR Datasheet HTML 68Page - STMicroelectronics STM32F411VCT6TR Datasheet HTML 69Page - STMicroelectronics STM32F411VCT6TR Datasheet HTML 70Page - STMicroelectronics STM32F411VCT6TR Datasheet HTML 71Page - STMicroelectronics STM32F411VCT6TR Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
68/149
DocID026289 Rev 6
Table 20. Typical and maximum current consumption, code with data processing (ART
accelerator disabled) running from SRAM - VDD = 1.7 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA=
25 °C
TA=
25 °C
TA=
85 °C
TA=
105 °C
TA=
125 °C
IDD
Supply
current in Run
mode
External clock,
PLL ON(2), all
peripherals
enabled(3)(4)
100
21.4
23.0
23.6
24.0
25.0
mA
84
17.2
18.9(5)
19.1
19.2
20.2
64
11.9
12.9
13.2
13.7
14.6
50
9.4
10.1
10.4
11.0
11.9
20
4.3
4.8
5.0
5.6
6.5
HSI, PLL off, all
peripherals
enabled(4)
16
3.0
3.3
3.6
4.3
5.2
1
0.5
0.7
1.0
1.7
2.6
External clock,
PLL on (2))all
peripherals
disabled(3)
100
12.7
14.0
14.4
14.8
15.8
84
10.2
11.6(5)
11.8
12.0
13.0
64
7.1
7.9
8.2
8.7
9.7
50
5.6
6.3
6.5
7.1
8.0
20
2.5
3.0
3.3
3.9
4.8
HSI, PLL off, all
peripherals
disabled(4)
16
1.9
2.1
2.4
3.0
3.9
1
0.4
0.5
0.9
1.6
2.5
1. Guaranteed by characterization results.
2. Refer to Table 41 and RM0383 for the possible PLL VCO setting
3. When analog peripheral blocks such as ADC, HSE, LSE, HSI, or LSI are ON, an additional power consumption has to be
considered.
4. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA for the
analog part.
5. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com