| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NSC800 bảng dữ liệu(PDF) 55 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSC800 bảng dữ liệu(HTML) 55 Page - National Semiconductor (TI) |
|
55 / 76 page ![]() 1213 CPU Control (Continued) IM 1 The CPU is placed in interrupt mode 1 No flags affected 76543210 11101101 01010110 Timing M cycles 2 T states 8 (4 4) Addressing Mode NA IM 2 The CPU is placed in interrupt mode 2 No flags affected 76543210 11101101 01011110 Timing M cycles 2 T states 8 (4 4) Addressing Mode NA 1214 Program Control JUMPS JP nn Unconditional jump to program location nn PC w nn No flags affected 76543210 11000011 n (low-order byte) n (high-order byte) Timing M cycles 3 T states 10 (4 3 3) Addressing Mode Direct JP (ss) Unconditional jump to program location pointed to by regis- ter ss PC w ss No flags affected 76543210 11101001 JP (HL) Timing M cycles 1 T states 4 Addressing Mode Register Indirect 76 5 43210 JP (IX) (for NX e 0) 11NX 11101 JP (IY) (for NX e 1) 11 1 01001 Timing M cycles 2 T states 8 (4 4) Addressing Mode Register Indirect JP cc nn Conditionally jump to program location nn based on testable flag states If cc true No flags affected PC w nn otherwise continue 765 4 3210 11 cc 010 n (low-order byte) n (high-order byte) Timing M cycles 3 T states 10 (4 3 3) Addressing Mode Direct JR d Unconditional jump to program location calculated with re- spect to the program counter and the displacement d PC w PC a d No flags affected 76543210 00011000 d b 2 Timing M cycles 3 T states 12 (4 3 5) Addressing Mode PC Relative JR kk d Conditionally jump to program location calculated with re- spect to the program counter and the displacement d based on limited testable flag states If kk true No flags affected PC w PC a d otherwise continue 76543210 001 kk 000 d b 2 Timing if kk met M cycles 3 (true) T states 12 (4 3 5) if kk not met M cycles 2 (not true) T states 7 (4 3) Addressing Mode PC Relative 55 |