| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NSAM266SAA/V bảng dữ liệu(PDF) 46 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSAM266SAA/V bảng dữ liệu(HTML) 46 Page - National Semiconductor (TI) |
|
46 / 52 page ![]() Appendix A SCHEMATIC DIAGRAMS The following schematic diagrams are extracted from a CompactSPEECH demo unit based on the NSV-AM266- SPAF board designed by National Semiconductor This demo includes three basic clusters COP888EEG Microcontroller CompactSPEECH cluster including a TP3054 codec and an NSAM266SA controlling a Serial Flash device User interface that includes one 16-digit LCD and a 16-key (4 x 4) keypad For more details about the demo please refer to the NS Digital Answering Machine Demo Operating Instructions Note If IVS resides in serial flash and not in ROM the address- and data- line connections are not required and the layout is much simpler http www nationalcom 46 |