| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NSAM266SAA/V bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSAM266SAA/V bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 52 page ![]() 10 Hardware (Continued) 12 PIN ASSIGNMENT The following sections detail the pins of the NSAM266SA processor Slashes separate the names of signals that share the same pin 121 PinSignal Assignment Table 1-1 shows all the pins and the signals that use them in different configurations It also shows the type and direc- tion of each signal TABLE 1-1 CompactSPEECH PinSignal Assignment Pin Name Type Signal Name IO A(015) TTL A(015) Output CCLK TTL CCLK Output CDIN TTL CDIN Input CDOUT TTL CDOUT Output CFS0 TTL CFS0 Output D(07) TTL D(07) IO MWCS TTL (Note A) MWCS Input TST TTL TST Input MWRDY TTL MWRDY IO MWRQST TTL MWRQST IO MWDOUT TTL MWDOUT Output PB(02) TTL EA(1618) Output (Note B) PB(36) TTL CS(03) Output (Note C) EMCS TTL1 (Note D) EMCS Output ENV0 CMOS (Note E) ENV0 Input MWCLK TTL MWCLK Input MWDIN TTL MWDIN Input MMCLK TTL1 (Note D) MMCLK Output MMDIN TTL MMDIN Input MMDOUT TTL1 (Note D) MMDOUT Output CFS0 CMOS CFS0 Output RESET Schmitt (Note A) RESET Input VCC Power VCC VSS Power VSS X1 XTAL X1 OSC X2CLKIN XTAL X2 OSC TTL CLKIN Input Note A Schmitt trigger input Note B Virtual address lines for IVS ROM Note C Chip select lines for Serial Flash devices Note D TTL1 output signals provide CMOS levels in the steady state for small loads Note E Input during reset CMOS level input http www nationalcom 4 |