công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T315Y-65MQ6F bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện M41T315Y-65MQ6F
Giải thích chi tiết về linh kiện  Serial Access Phantom RTC Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315Y-65MQ6F bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button M41T315Y-65MQ6F Datasheet HTML 12Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 13Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 14Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 15Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 16Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 17Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 18Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 19Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
M41T315Y*, M41T315V, M41T315W
16/24
Table 9. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V or 2.7 to 3.6V (except where noted).
2. Applies to all input pins except RST, which is pulled internally to VCCI.
3. Measured without RAM connected.
4. ICCO1 is the maximum average load current the device can supply to external memory.
5. Voltages are referenced to Ground.
6. Measured with load shown in Figure 12., page 15.
7. ICCO2 is the maximum average load current that the device can supply to memory in the battery backup mode.
Sym
Parameter
Test
Condition(1)
M41T315Y
M41T315V/W
Unit
–65
–85
Min
Typ
Max
Min
Typ
Max
IIL
(2)
Input Leakage
Current
0V
≤ VIN
VCC
±1
±1
µA
IOL
Output Leakage
Current
0V
≤ VOUT
VCC
±1
±1
µA
ICC1
(3)
Supply Current
10
6
mA
ICCO1
(4)
VCC Power Supply
Current
VCC0 =
VCCI – 0.3
150
100
mA
ICC2
(3)
Supply Current
(TTL Standby)
CEI = VIH
32
mA
ICC3
(3)
VCC Power Supply
Current
CEI =
VCCI – 0.2
11
mA
VIL
(5)
Input Low Voltage
–0.3
0.8
–0.3
0.6
V
VIH
(5)
Input High Voltage
2.2
VCC + 0.3
2.0
VCC + 0.3
V
VOL
(6)
Output Low
Voltage
IOL = 4.0 mA
0.4
0.4
V
VOH
(6)
Output High
Voltage
IOH = –1.0 mA
2.4
2.4
V
VPFD
Power Fail
Deselect
4.25
4.50
2.80 (V)
2.60 (W)
2.97 (V)
2.70 (W)
V
VSO
Battery Back-up
Switchover
VBAT
2.5
V
VBAT
Battery Voltage
2.5
3.7
2.5
3.7
V
VCEO
CEO Output
Voltage
VCCI – 0.2
or
VBAT – 0.2
VCCI – 0.2
or
VBAT – 0.2
V
IBAT
(3)
Battery Current
VBAT = 3.0V
TA = 25°C
VCC = 0V
0.5
0.5
µA
ICCO2
(7)
Battery Backup
Current
VCCO = VBAT
– 0.2V
100
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com