| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FERD30SM100ST bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FERD30SM100ST bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() Characteristics FERD30SM100S 2/7 DocID027344 Rev 1 1 Characteristics To evaluate the conduction losses use the following equation: P = 0.56 x IF(AV) + 0.005 IF 2 (RMS) Table 2. Absolute ratings (limiting values, at 25 °C, unless otherwise specified, anode terminals short-circuited) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 100 V IF(RMS) Forward rms current 60 A IF(AV) Average forward current, δ = 0.5 Tc = 130 °C 30 A IFSM Surge non repetitive forward current tp = 10 ms sinusoidal 250 A Tstg Storage temperature range -65 to + 175 °C Tj (1) Maximum operating junction temperature 175 °C 1. condition to avoid thermal runaway for a diode on its own heatsink. dP tot dTj --------------- 1 Rth j a – () -------------------------- < Table 3. Thermal resistance Symbol Parameter Value (max) Unit Rth(j-c) Junction to case 1.6 °C/W Table 4. Static electrical characteristics (anode terminals short-circuited) Symbol Parameter Test conditions Min. Typ. Max. Unit IR (1) Reverse leakage current Tj = 25 °C VR = VRRM - - 150 µA Tj = 125 °C - 8 16 mA Tj = 125 °C VR = 70 V - - 9 VF (2) Forward voltage drop Tj = 25 °C IF = 5 A -- 0.475 V Tj = 125 °C - 0.39 0.43 Tj = 25 °C IF = 10A -- 0.585 Tj = 125 °C - 0.50 0.545 Tj = 25 °C IF = 30 A -0.95 Tj = 125 °C - 0.64 0.71 1. Pulse test: tp = 5 ms, δ < 2% 2. Pulse test: tp = 380 µs, δ < 2% |