| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT260Q-R bảng dữ liệu(PDF) 25 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT260Q-R bảng dữ liệu(HTML) 25 Page - Future Technology Devices International Ltd. |
|
25 / 61 page ![]() Copyright © Future Technology Devices International Limited 25 FT260 HID-CLASS USB TO UART/I2C BRIDGE IC Version 1.1 Document No.: FT_001272 Clearance No.: FTDI#484 Figure 5.3 UART RX Waveform consist of 8 data bits, 1 optional parity bit and 1 stop bit Figure 5.4 UART TX Waveform consist of 7 data bits, no parity bit and 1 stop bit Figure 5.5 UART TX Waveform consist of 7 data bits, 1 optional parity bit and 1 stop bit Figure 5.6 UART TX Waveform consisting 7 data bits, 1 optional parity bit and 2 stop bits Figure 5.7 UART TX Waveform consisting 8 data bits, 1 optional parity bit and 2 stop bits TX_ACTIVE is default function of the pin DIO0 as the transmitting indicator for UART; this output may be used in RS485 designs to control the transmitting of the line driver. |