| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT234XD-R bảng dữ liệu(PDF) 36 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT234XD-R bảng dữ liệu(HTML) 36 Page - Future Technology Devices International Ltd. |
|
36 / 37 page ![]() Copyright © 2015 Future Technology Devices International Limited 36 FT234XD USB TO BASIC UART IC Version 1.2 Document No.: FT_000753 Clearance No.: FTDI#324 Appendix B - List of Figures and Tables List of Figures Figure 2.1 FT234XD Block Diagram .................................................................................................4 Figure 3.1 DFN Schematic Symbol ..................................................................................................7 Figure 6.1 Bus Powered Configuration ........................................................................................... 20 Figure 6.2 Self Powered Configuration ........................................................................................... 21 Figure 6.3 Bus Powered with Power Switching Configuration ............................................................ 22 Figure 7.1 Application Example showing USB to RS232 Converter ..................................................... 23 Figure 7.2 Application Example Showing USB to RS485 Converter .................................................... 24 Figure 7.3 USB to RS422 Converter Configuration........................................................................... 25 Figure 7.4 USB Battery Charging Detection .................................................................................... 26 Figure 7.5 Single LED Configuration .............................................................................................. 27 Figure 8.1: Simplified memory map for the FT-X ............................................................................ 30 Figure 9.1 DFN-12 Package Dimensions......................................................................................... 31 Figure 9.2 DFN-12 Package Markings ............................................................................................ 32 Figure 9.3 FT234XD Solder Reflow Profile ...................................................................................... 33 List of Tables Table 3.1 Power and Ground ..........................................................................................................7 Table 3.2 Common Function pins ....................................................................................................8 Table 3.3 UART Interface and CBUS Group (see note 1) ....................................................................8 Table 3.4 CBUS Configuration Control ........................................................................................... 10 Table 5.1 Absolute Maximum Ratings ............................................................................................ 14 Table 5.2 Operating Voltage and Current ....................................................................................... 15 Table 5.3 I/O Pin Characteristics VCCIO = +3.3V (except USB PHY pins) ........................................... 16 Table 5.4 I/O Pin Characteristics VCCIO = +2.5V (except USB PHY pins) ........................................... 17 Table 5.5 I/O Pin Characteristics VCCIO = +1.8V (except USB PHY pins) ........................................... 18 Table 5.6 USB I/O Pin (USBDP, USBDM) Characteristics .................................................................. 19 Table 5.7 MTP Memory Characteristics........................................................................................... 19 Table 5.8 Internal Clock Characteristics ......................................................................................... 19 Table 8.1 Default Internal MTP Memory Configuration ..................................................................... 29 Table 9.1 Reflow Profile Parameter Values ..................................................................................... 33 |