| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC5501 bảng dữ liệu(PDF) 126 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5501 bảng dữ liệu(HTML) 126 Page - Texas Instruments |
|
126 / 193 page ![]() Functional Overview 126 December 2002 − Revised November 2004 SPRS206H 3.16 Interrupts Vector-relative locations and priorities for all internal and external interrupts are shown in Table 3−75. For more information on setting up and using interrupts, please refer to the TMS320C55x DSP CPU Reference Guide (literature number SPRU371). Table 3−75. Interrupt Table NAME SOFTWARE (TRAP) EQUIVALENT LOCATION (HEX BYTES) PRIORITY FUNCTION RESET SINT0 0 0 Reset (hardware and software) NMI SINT1 8 1 Nonmaskable interrupt INT0 SINT2 10 3 External interrupt #0 INT2 SINT3 18 5 External interrupt #2 TINT0 SINT4 20 6 Timer #0 interrupt RINT0 SINT5 28 7 McBSP #0 receive interrupt RINT1 SINT6 30 9 McBSP #1 receive interrupt XINT1 SINT7 38 10 McBSP #1 transmit interrupt LCKINT SINT8 40 11 PLL lock interrupt DMAC1 SINT9 48 13 DMA Channel #1 interrupt DSPINT SINT10 50 14 Interrupt from host INT3/WDTINT† SINT11 58 15 External interrupt #3 or Watchdog timer interrupt − SINT12 60 17 Software interrupt #12 − SINT13 68 18 Software interrupt #13 DMAC4 SINT14 70 21 DMA Channel #4 interrupt DMAC5 SINT15 78 22 DMA Channel #5 interrupt INT1 SINT16 80 4 External interrupt #1 XINT0 SINT17 88 8 McBSP #0 transmit interrupt DMAC0 SINT18 90 12 DMA Channel #0 interrupt − SINT19 98 16 Software interrupt #19 DMAC2 SINT20 A0 19 DMA Channel #2 interrupt DMAC3 SINT21 A8 20 DMA Channel #3 interrupt TINT1 SINT22 B0 23 Timer #1 interrupt IIC SINT23 B8 24 I2C interrupt BERR SINT24 C0 2 Bus Error interrupt DLOG SINT25 C8 25 Data Log interrupt RTOS SINT26 D0 26 Real-time Operating System interrupt − SINT27 D8 27 Software interrupt #27 − SINT28 E0 28 Software interrupt #28 − SINT29 E8 29 Software interrupt #29 − SINT30 F0 30 Software interrupt #30 SINT31 F8 31 Software interrupt #31 † WDTINT is generated only when the WDT interrupt pin is connected to INT3 through the TSSR. |