| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDC37C93XAPM bảng dữ liệu(PDF) 49 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
FDC37C93XAPM bảng dữ liệu(HTML) 49 Page - SMSC Corporation |
|
49 / 280 page ![]() 49 VERIFY DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W MT MFM SK 1 0 1 1 0 Command Codes W EC 0 0 0 0 HDS DS1 DS0 W -------- C -------- Sector ID information prior to Command execution. W -------- H -------- W -------- R -------- W -------- N -------- W ------- EOT ------- W ------- GPL ------- W ------ DTL/SC ------ Execution No data transfer takes place. Result R ------- ST0 ------- ------- ST1 ------- Status information after Command execution. R ------- ST2 ------- R -------- C -------- R -------- H -------- -------- R -------- Sector ID information after Command execution. R -------- N -------- R R VERSION DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 1 0 0 0 0 Command Code Result R 1 0 0 1 0 0 0 0 Enhanced Controller |