công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLB128B bảng dữ liệu(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện SLB128B
Giải thích chi tiết về linh kiện  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B bảng dữ liệu(HTML) 27 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 23Page - National Semiconductor (TI) SLB128B Datasheet HTML 24Page - National Semiconductor (TI) SLB128B Datasheet HTML 25Page - National Semiconductor (TI) SLB128B Datasheet HTML 26Page - National Semiconductor (TI) SLB128B Datasheet HTML 27Page - National Semiconductor (TI) SLB128B Datasheet HTML 28Page - National Semiconductor (TI) SLB128B Datasheet HTML 29Page - National Semiconductor (TI) SLB128B Datasheet HTML 30Page - National Semiconductor (TI) SLB128B Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
LVDS Interface (Continued)
TABLE 6. Non-Conventional Data mapping for one 12-bit (two data per clock )single pixel in-to-single pixel out
application (DUAL = Gnd, only Port1 A0-A3 are active, BAL= Gnd)
VGA - TFT Data Signals Color
Bits
Transmitter input pin names
Receiver output pin names
TFT Panel Data
Signals
24-bit
18-bit
DS90C2501
DS90CF388
18-bit
24-bit
LSB
R0
E2-D4
R16
R0
R1
E2-D5
R17
R1
R2
R0
E2-D6
R10
R0
R2
R3
R1
E2-D7
R11
R1
R3
R4
R2
E2-D8
R12
R2
R4
R5
R3
E2-D9
R13
R3
R5
R6
R4
E2-D10
R14
R4
R6
MSB
R7
R5
E2-D11
R15
R5
R7
LSB
G0
E1-D8
G16
G0
G1
E1-D9
G17
G1
G2
G0
E1-D10
G10
G0
G2
G3
G1
E1-D11
G11
G1
G3
G4
G2
E2-D0
G12
G2
G4
G5
G3
E2-D1
G13
G3
G5
G6
G4
E2-D2
G14
G4
G6
MSB
G7
G5
E2-D3
G15
G5
G7
LSB
B0
E1-D0
B16
B0
B1
E1-D1
B17
B1
B2
B0
E1-D2
B10
B0
B2
B3
B1
E1-D3
B11
B1
B3
B4
B2
E1-D4
B12
B2
B4
B5
B3
E1-D5
B13
B3
B5
B6
B4
E1-D6
B14
B4
B6
MSB
B7
B5
E1-D7
B15
B5
B7
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48