| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSD10060A bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CSD10060A bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 5 page ![]() CSD10060 Page 2 • CSD10060, Rev C ELECTRICAL CHARACTERISTICS Parameter Symbol Min Typ Max Units Forward Voltage IF = 10A TJ=25°C IF = 10A TJ=175°C VF 1.6 2.0 1.8 2.4 V Reverse Current VR = 600V TJ=25°C VR = 600V TJ=175°C IR 50 100 200 1000 µA Total Capacitive Charge VR = 600V,IF = 10A, di/dt = 500 A/µs, TJ = 25°C QC 28 nC Total Capacitance VR = 0V, TJ = 25°C, f =1MHz VR = 200V, TJ = 25°C, f =1MHz VR = 400V, TJ = 25°C, f =1MHz C 550 65 50 pF NOTE: 1. This is a majority carrier diode, so there is no reverse recovery charge. THERMAL CHARACTERISTICS Characteristic Symbol Min Typ Max Units Thermal Resistance from Junction to Case RθJC 1.1 °C/W Typical Performance Figure 1. Forward Characteristics Figure 2. Reverse Characteristics 0 2 4 6 8 10 12 14 16 18 20 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 VF Forward Voltage (V) T J = 25°C T J = 75°C T J = 125°C T J = 175°C 0 20 40 60 80 100 120 140 160 180 200 0 100 200 300 400 500 600 700 VR Reverse Voltage (V) TJ = 25°C T J = 75°C TJ = 125°C TJ = 175°C |