công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M6182FNFSN bảng dữ liệu(PDF) 1 Page - MTRONPTI

tên linh kiện M6182FNFSN
Giải thích chi tiết về linh kiện  3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MTRONPTI [MTRONPTI]
Trang chủ  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M6182FNFSN bảng dữ liệu(HTML) 1 Page - MTRONPTI

  M6182FNFSN Datasheet HTML 1Page - MTRONPTI M6182FNFSN Datasheet HTML 2Page - MTRONPTI M6182FNFSN Datasheet HTML 3Page - MTRONPTI M6182FNFSN Datasheet HTML 4Page - MTRONPTI M6182FNFSN Datasheet HTML 5Page - MTRONPTI M6182FNFSN Datasheet HTML 6Page - MTRONPTI M6182FNFSN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
M618x Series
3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave
Precision TCXO/TCVCXO
Rev: 01/28/2013
Tight stability performance
•
(±0.2 ppm) over Industrial Temperatures (-40 °C to +85 °C)
(±0.1 ppm) over Commercial Temperatures (0 °C to 70 °C)
3.0 V, 3.3 V and 5.0 V versions
•
Low phase noise performance
•
Tristate Function standard
•
The M618x Series is ideally suited for a wide range of applications such as GPS, military, avionics, test and measurement,
WLAN, WiMax base stations, point to point/multi-point radios, medical equipment, frequency synthesis, frequency translation
and land mobile radio. Standard output for the M618x series is HCMOS compatible or clipped sine wave. The product is
ideally suited for battery and remote applications where it draws as little as 1.5 mA of current with a 3.3 volt supply at 13
MHz.Thislowpowerconsumptionprovidesanadvantageoversimilarlyspecifiedovenizedoscillatorsforpower-sensitive
applications. The M618x series offers ±10 ppm minimum pull range with excellent tuning linearity performance for critical
PLL applications. This series is available in selective frequencies from 8 MHz to 52 MHz.
Product Features
Product Description
Product Applications
Product Ordering Information
M6180Sxxx, M6181Sxxx, M6182Sxxx - Contact factory for datasheets.
MtronPTI’s M618x Series TCXO’s and TCVCXO’s provide design engineers with low voltage, surface mount products
with extremely tight stability (down to ±0.10 ppm) over temperature and time. Specially processed crystals enable the
M618xtoachieveconsistentlong-termstabilityandminimalfrequencyshiftafterreflow.Thelowphasenoise(-155dBc/
Hz at 100 kHz) makes the M618x ideal for the design engineer working on all types of systems as the reference timing
source.


Số phần tương tự - M6182FNFSN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RAF ELECTRONIC HARDWARE
M6185-4007-SS RAF-M6185-4007-SS Datasheet
111Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
Laser Diode Driver/Controller
More results

Mô tả tương tự - M6182FNFSN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MTRONPTI
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M611X MTRONPTI-M611X Datasheet
877Kb / 7P
M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
logo
MTRONPTI
M61501STCN MTRONPTI-M61501STCN Datasheet
1Mb / 7P
5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61701STCN MTRONPTI-M61701STCN Datasheet
1Mb / 7P
3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M60531HSN MTRONPTI-M60531HSN Datasheet
836Kb / 2P
3.2 x 5.0 mm, 3.0 V, Clipped Sine Wave or HCMOS, TCXO/VCTCXO
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
M61601LTCN MTRONPTI-M61601LTCN Datasheet
809Kb / 7P
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com