công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M6182FNFSN bảng dữ liệu(PDF) 5 Page - MTRONPTI

tên linh kiện M6182FNFSN
Giải thích chi tiết về linh kiện  3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MTRONPTI [MTRONPTI]
Trang chủ  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M6182FNFSN bảng dữ liệu(HTML) 5 Page - MTRONPTI

  M6182FNFSN Datasheet HTML 1Page - MTRONPTI M6182FNFSN Datasheet HTML 2Page - MTRONPTI M6182FNFSN Datasheet HTML 3Page - MTRONPTI M6182FNFSN Datasheet HTML 4Page - MTRONPTI M6182FNFSN Datasheet HTML 5Page - MTRONPTI M6182FNFSN Datasheet HTML 6Page - MTRONPTI M6182FNFSN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
5
M618x Series
3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave
Precision TCXO/TCVCXO
Handling Information
Although protection circuitry has been designed into the M618x oscillator, proper precautions should be taken to
avoid exposure to electrostatic discharge (ESD) during handling and mounting. MtronPTI utilizes a human-body
model(HBM)andacharged-devicemodel(CDM)forESD-susceptibilitytestingandprotectiondesignevaluation.
ESDvoltagethresholdsaredependentonthecircuitparametersusedtodefinethemode.Althoughnoindustry-
widestandardhasbeenadoptedfortheCDM,astandardHBM(resistance=1500Ω, capacitance = 100 pF) is
widelyusedandthereforecanbeusedforcomparisonpurposes.TheHBMESDthresholdpresentedherewas
obtained using these circuit parameters.
Typical Test Circuits
Test Circuit - N Package
With Tristate
ATTENTION
Static Sensitive Devices
Handle only at Static
Safe Work Stations
Model
ESD Threshold, Minimum
Unit
HumanBody
1500*
V
Charged Device
1500*
V
* MIL-STD-833D, Method 3015, Class 1



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com