| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2423P/T bảng dữ liệu(PDF) 11 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2423P/T bảng dữ liệu(HTML) 11 Page - Dallas Semiconductor |
|
11 / 25 page ![]() DS2423 11 of 25 MEMORY FUNCTION FLOW CHART Figure 7 cont’d DS2423 Sets Memory Address = (T15:T0) DS2423 Increments Address Counter End of Page? End of Memory? CRC Correct? Master RX Data From Memory Master TX Reset? Master TX TA2 (T15:T8) Master RX "1"s Master RX Counter Value of Memory Page Master RX 32 Zero Bits Master TX Reset? Master RX CRC 16 of Command, Address, Data, Counter, Zero Bits (1 st Pass) CRC 16 of Data, Counter, Zero Bits (Subsequent Passes) A5H Read Memory + Counter N Y N Y N Y N Y N Y N Y N Master TX TA1 (T7:T0) From Figure 7 2 nd Part To Figure 7 2 nd Part Master TX Reset? Master TX Reset Y 1) To be transmitted or received at Overdrive speed if OD = 1. 2) Reset Pulse to be transmitted at Overdrive speed if OD = 1. Reset Pulse to be transmitted at normal speed if OD = 0 or if the DS2423 is to be reset from Overdrive speed to regular speed. 1) 1) 1) 1) 2) 2) 1) 1) 1) 2) 2) |