| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2423P/T bảng dữ liệu(PDF) 9 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2423P/T bảng dữ liệu(HTML) 9 Page - Dallas Semiconductor |
|
9 / 25 page ![]() DS2423 9 of 25 MEMORY FUNCTION FLOW CHART Figure 7 Master TX Memory Function Command 0FH Write Scratchpad DS2423 sets Scratch- pad Offset = (T4:T0) and Clears (PF, AA) Master TX Data Byte to Scratchpad Offset DS2423 sets (E4:E0) = Scratchpad Offset Master TX Reset? Scratch- pad Offset = 11111b? Master RX CRC16 of Command, Address, Data DS2423 Incre- ments Scratch- pad Offset Master RX "1"s Master TX Reset? Master TX Reset? Partial Byte Written? PF = 1 AAH Read Scratchpad Master RX Ending Offset with Data Status (E/S) Master TX Reset? Scratch- pad Offset = 11111b? DS2423 Incre- ments Scratch- pad Offset Master RX "1"s DS2423 sets Scratch- pad Offset = (T4:T0) Master RX Data Byte from Scratchpad Offset From ROM Functions Flow Chart (Figure 9) To ROM Functions Flow Chart (Figure 9) N Y N Y N Y N Y N Y N Y Y N Y N Y Master TX TA1 (T7:T0) Master TX TA2 (T15:T8) Master RX TA1 (T7:T0) Master RX TA2 (T15:T8) To Figure 7 2 nd Part N From Figure 7 2 nd Part 1) To be transmitted or received at Overdrive speed if OD = 1. 2) Reset Pulse to be transmitted at Overdrive speed if OD = 1. Reset Pulse to be transmitted at normal speed if OD = 0 or if the DS2423 is to be reset from Overdrive speed to regular speed. 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 2) 2) 2) 2) |