| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI6C2972FC bảng dữ liệu(PDF) 7 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI6C2972FC bảng dữ liệu(HTML) 7 Page - Pericom Semiconductor Corporation |
|
7 / 7 page ![]() 7 PS8590C 09/22/04 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI6C2972 Low Voltage PLL Clock Driver Packaging Mechanical: 52-Pin LQFP (FC) D0–D3 are the control bits for Qa0–Qa3, respectively D4–D7 are the control bits for Qb0–Qb3, respectively D8–D10 are the control bits for Qc1–Qc3, respectively D11 is the control bit for QSync FreezeDataInputProtocol t r a t S ti B 0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D0 1 D1 1 D Seating Plane 0.65 BSC .026 0.22 0.38 .009 .015 1.60 .063 1.35 1.45 .053 .057 0.05 0.15 .002 .006 X.XX X.XX DENOTES DIMENSIONS IN MILLIMETERS 12.00 BSC .394 Square 10.00 BSC .472 Square GAUGE PLANE 1.00 REF .039 0.45 0.75 .018 .030 0.09 0.20 .004 .008 Max. 0.10 .004 0 7 Notes: 1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com OrderingInformation OrderingCode PackageCode PackageType PI6C2972FC FC 52-pinLQFP PI6C2972FCE FC Pb-free&Green,52-pinLQFP |