| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9536DP bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9536DP bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 16 page ![]() Philips Semiconductors Objective data sheet PCA9536 4-bit I2C and SMBus I/O port 2004 Aug 20 9 ABSOLUTE MAXIMUM RATINGS In accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL PARAMETER CONDITIONS MIN MAX UNIT VDD Supply voltage –0.5 6.0 V II DC input current — ±20 mA VI/O DC voltage on an I/O VSS – 0.5 5.5 V II/O DC output current on an I/O — ±50 mA IDD Supply current — 85 mA ISS Supply current — 100 mA Ptot Total power dissipation — 200 mW Tstg Storage temperature range –65 +150 °C Tamb Operating ambient temperature –40 +85 °C TJ(MAX) Maximum junction temperature — +125 °C |