| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9536DP bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9536DP bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 16 page ![]() Philips Semiconductors Objective data sheet PCA9536 4-bit I2C and SMBus I/O port 2004 Aug 20 8 TYPICAL APPLICATION SW02198 I/O0 I/O1 I/O2 I/O3 VDD VDD SCL SDA RESET MASTER CONTROLLER GND SCL SDA PCA9536 VSS SUBSYSTEM 2 (e.g. counter) SUBSYSTEM 1 (e.g. temp sensor) INT VDD Controlled Switch (e.g. CBT device) ENABLE 1.8 k Ω 1.8 k Ω 2 k Ω NOTE: Device address is 1000001 I/O0, I/O2, I/O3, configured as outputs I/O1, configured as input A B Figure 9. Typical application |