| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP3500AST bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ADP3500AST bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 29 page ![]() ADP3500 REV.PrP 2/6/02 - 21 - 2.6 POWER ON INPUT PWRONKEY and OPT1 have pull-up resistors, and others are not. In addition to these inputs, other internal input signals such as charger_detect and Alarm signal (alarm_int) from RTC enable Main and Sub LDOs of LDO1, 2, 3 and LDO6. Power ON status is hold by a latch data in Delay circuit, called voltage_detect_delay (please see 4.8 for more detail). OPT3 has a lower voltage threshold. OPT2 is different structure to the other inputs, and is pulled down to zero by internal signal when phone is Power ON status, in order to make sure to have Power ON status even if short-term disconnection is happened. Following is a block diagram and Power on sequence. VBAT voltage_detect_delay charger_detect alarm_int power_on PWRONKEY- OPT1- OPT2- OPT3 140K Ω 140K Ω INT Block Figure 13. Power ON input block diagram • Voltage_detect_delay : Voltage Detect Signal (10mS delay) (1: Assert) • charger_detect : Charger Detect Signal (1: Assert) • alarm_int : Alarm Detect Signal (Alarm 1 or 2) (1: Assert) • PWRONKEY- : Power On key input (0: Assert) • OPT1- : Power On signal (0: Assert) • OPT2- : Power On signal (0: Assert) • OPT3 : Power On signal (1: Assert) PRELIMINARY TECHNICAL DATA |