công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC9893 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MPC9893
Giải thích chi tiết về linh kiện  Low Voltage PLL Intelligent Dynamic Clock (IDCS) Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9893 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MPC9893 Datasheet HTML 1Page - Motorola, Inc MPC9893 Datasheet HTML 2Page - Motorola, Inc MPC9893 Datasheet HTML 3Page - Motorola, Inc MPC9893 Datasheet HTML 4Page - Motorola, Inc MPC9893 Datasheet HTML 5Page - Motorola, Inc MPC9893 Datasheet HTML 6Page - Motorola, Inc MPC9893 Datasheet HTML 7Page - Motorola, Inc MPC9893 Datasheet HTML 8Page - Motorola, Inc MPC9893 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Document Number: MPC9893/D
Rev 3, 01/2004
1
© Motorola, Inc. 2004
Low Voltage PLL Intelligent
Dynamic Clock (IDCS) Switch
The MPC9893 is a 2.5V and 3.3V compatible, PLL based intelligent
dynamic clock switch and generator specifically designed for redundant
clock distribution systems. The device receives two LVCMOS clock
signals and generates 12 phase aligned output clocks. The MPC9893 is
able to detect a failing reference clock signal and to dynamically switch to
a redundant clock signal. The switch from the failing clock to the
redundant clock occurs without interruption of the output clock signal
(output clock slews to alignment). The phase bump typically caused by a
clock failure is eliminated.
The device offers 12 low skew clock outputs organized into two output
banks, each configurable to support the different clock frequencies.
The extended temperature range of the MPC9893 supports
telecommunication and networking requirements. The device employs a
fully differential PLL design to minimize jitter.
Features
• 12 output LVCMOS PLL clock generator
• 2.5V and 3.3V compatible
• IDCS - on-chip intelligent dynamic clock switch
• Automatically detects clock failure
• Smooth output phase transition during clock failover switch
• 7.5 - 200 MHz output frequency range
• LVCMOS compatible inputs and outputs
• External feedback enables zero-delay configurations
• Supports networking, telecommunications and computer applications
• Output enable/disable and static test mode (PLL bypass)
• Low skew characteristics: maximum 50 ps output-to-output (within bank)
• 48 lead LQFP package
• Ambient operating temperature range of --40 to 85°C
Functional Description
The MPC9893 is a 3.3V or 2.5V compatible PLL clock driver and clock generator. The clock generator uses a fully integrated
PLL to generate clock signals from redundant clock sources. The PLL multiplies the input reference clock signal by one, two,
three, four or eight. The frequency-multiplied clock drives six bank A outputs. Six bank B outputs can run at either the same
frequency than bank A or at half of the bank A frequency. Therefore, bank B outputs additionally support the frequency
multiplication of the input reference clock by 3÷2 and 1÷2. Bank A and bank B outputs are phase-aligned1. Due to the external
PLL feedback, the clock signals of both output banks are also phase-aligned1 to the selected input reference clock, providing
virtually zero-delay capability. The integrated IDCS continuously monitors both clock inputs and indicates a clock failure
individually for each clock input. When a false clock signal is detected, the MPC9893 switches to the redundant clock input,
forcing the PLL to slowly slew to alignment and not produce any phase bumps at the outputs. Both clock inputs are
interchangeable, also supporting the switch to a failed clock that was restored. The MPC9893 also provides a manual mode that
allows for user-controlled clock switches.
The PLL bypass of the MPC9893 disables the IDCS and PLL-related specifications do not apply. In PLL bypass mode, the
MPC9893 is fully static in order to distribute low-frequency clocks for system test and diagnosis. Outputs of the MPC9893 can be
disabled (high-impedance tristate) to isolate the device from the system. Applying output disable also resets the MPC9893. On
power-up this reset function needs to be applied for correct operation of the circuitry. Please see the application section for
power-on sequence recommendations.
The device is packaged in a 7x7 mm2 48-lead LQFP package.
1. At coincident rising edges
MPC9893
LOW VOLTAGE 2.5V AND 3.3V
IDCS AND PLL
CLOCK GENERATOR
FA SUFFIX
48--LEAD LQFP PACKAGE
CASE 932
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MPC9893

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results

Mô tả tương tự - MPC9893

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MPC99J93 MOTOROLA-MPC99J93 Datasheet
265Kb / 8P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
MPC9993 MOTOROLA-MPC9993 Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
logo
Exar Corporation
XRK799J93 EXAR-XRK799J93 Datasheet
205Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7933 EXAR-XRK7933 Datasheet
233Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7955 EXAR-XRK7955 Datasheet
233Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7988 EXAR-XRK7988 Datasheet
231Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK79892 EXAR-XRK79892 Datasheet
277Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC99J93 RENESAS-MPC99J93 Datasheet
560Kb / 10P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com